PART |
Description |
Maker |
CQ220I-8 CQ220I-8D CQ220I-8M CQ220I-8N CQ220I-8B C |
Leaded Thyristor TRIAC ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|400V V(DRM)|8A I(T)RMS|TO-220AB 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|200V V(DRM)|8A I(T)RMS|TO-220AB 200 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|800V V(DRM)|8A I(T)RMS|TO-220AB 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 隔震统计表可控硅8.0放大00 7860 800伏特 TRIAC|600V V(DRM)|8A I(T)RMS|TO-220AB 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
BT136M-500D BT136M-600D BT136S-500D BT136S-600D BT |
8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs logic level
|
NXP Semiconductors N.V. Philips Semiconductors
|
BT136B BT136B-500 BT136B-500F BT136B-500G BT136B-6 |
Transient Voltage Suppressor Diodes 双向可控 Triacs 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 双向可控 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
CQ220I-12D CQ220I-12N CQ220I-12M CQ220I-12B |
ISOLATED TAB TRIAC 12 AMP 200 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC ISOLATED TAB TRIAC 12 AMP 800 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC ISOLATED TAB TRIAC 12 AMP 600 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
BT136-500D BT136-600D BT136SERIESD |
Triacs logic level 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
NXP Semiconductors N.V. Philips Semiconductors
|
FT0607DH00TU FT0607MH00TU |
400 V, 6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 600 V, 6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
|
MAC97A4-18 MAC97-8-18 |
200 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-226AA 600 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-226AA
|
MOTOROLA INC
|
934057061135 568-2197-2 |
Logic level four-quadrant triac
|
NXP Semiconductors
|
934057057135 568-2195-2 Z0107MN/T3 Z0107MN11 |
Logic level four-quadrant triac
|
NXP Semiconductors
|
Z0103MA |
Logic level four-quadrant triac
|
NXP Semiconductors
|
|